Part Number Hot Search : 
95N2LH5 CPC1580 ACTR4110 5AA04 C4001 87C054 0515D 0496080
Product Description
Full Text Search
 

To Download MC74LVX257-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 april, 2001 rev. 1 1 publication order number: mc74lvx257/d mc74lvx257 quad 2-channel multiplexer with 3-state outputs the mc74lvx257 is an advanced high speed cmos quad 2channel multiplexer fabricated with silicon gate cmos technology. it consists of four 2input digital multiplexers with common select (s) and enable (oe ) inputs. when (oe ) is held high, selection of data is inhibited and all the outputs go low. the select decoding determines whether the a or b inputs get routed to the corresponding y outputs. the inputs tolerate voltages up to 7 v, allowing the interface of 5 v systems to 3 v systems. ? high speed: t pd = 4.5 ns (typ) at v cc = 3.3 v ? low power dissipation: i cc = 4 m a (max) at t a = 25 c ? high noise immunity: v nih = v nil = 28% v cc ? power down protection provided on inputs ? balanced propagation delays ? designed for 2 v to 5.5 v operating range ? low noise: v olp = 0.8 v (max) ? pin and function compatible with other standard logic families ? latchup performance exceeds 300 ma ? esd performance: hbm > 2000 v; machine model > 200 v ? chip complexity: fets = 100; equivalent gates = 25 so16 http://onsemi.com so16 d suffix case 751b marking diagrams 1 8 9 16 1 8 16 9 lvx257 awlyww lvx257 alyw tssop16 dt suffix case 948f ordering information eiaj so16 m suffix case 966 lvx257 alyw a = assembly location l, wl = wafer lot y = year w, ww = work week 16 9 1 8 device package shipping mc74lvx257d so16 48 units/rail mc74lvx257dt tssop16 96 units/rail mc74lvx257m eiaj so16 50 units/rail mc74lvx257dr2 2500 tape & reel mc74lvx257dtr2 tssop16 2500 tape & reel mc74lvx257mel 2000 tape & reel eiaj so16
mc74lvx257 http://onsemi.com 2 4 7 9 12 2 3 5 6 11 10 14 13 15 1 a0 b0 a1 b1 a2 b2 a3 b3 y0 y1 y2 y3 oe s data outputs nibble inputs function table oe s y0 y3 a0 a3, b0 b3 = the levels of the respective dataword inputs. h l l x l h l a0a3 b0b3 inputs outputs 3 oe s a0 b0 a1 b1 a2 b2 2 5 6 11 10 14 13 12 9 7 4 y0 mux y1 y2 y3 en 1 15 a3 b3 g1 1 1 figure 1. pin assignment 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 s y0 b0 a0 y1 b1 a1 gnd y3 b3 a3 oe v cc b2 a2 y2 figure 2. expanded logic diagram figure 3. iec logic symbol
mc74lvx257 http://onsemi.com 3 this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this highimpedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open. maximum ratings (note 1.) symbol parameter value unit v cc positive dc supply voltage 0.5 to +7.0 v v in digital input voltage 0.5 to +7.0 v v out dc output voltage 0.5 to v cc +0.5 v i ik input diode current 20 ma i ok output diode current  20 ma i out dc output current, per pin  25 ma i cc dc supply current, v cc and gnd pins  75 ma p d power dissipation in still air soic package tssop 200 180 mw t stg storage temperature range 65 to +150 c v esd esd withstand voltage human body model (note 2.) machine model (note 3.) charged device model (note 4.) >2000 >200 >2000 v i latchup latchup performance above v cc and below gnd at 125 c (note 5.)  300 ma  ja thermal resistance, junction to ambient soic package tssop 143 164 c/w 1. maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to th e recommended operating conditions. 2. tested to eia/jesd22a114a 3. tested to eia/jesd22a115a 4. tested to jesd22c101a 5. tested to eia/jesd78 recommended operating conditions symbol characteristics min max unit v cc dc supply voltage 2.0 3.6 v v in dc input voltage 0 5.5 v v out dc output voltage 0 v cc v t a operating temperature range, all package types 40 85 c t r , t f input rise or fall time v cc = 3.3 v + 0.3 v 0 100 ns/v
mc74lvx257 http://onsemi.com 4 dc characteristics (voltages referenced to gnd) v cc t a = 25 c 40 c t a 85 c symbol parameter condition (v) min typ max min max unit v ih minimum highlevel input voltage 2.0 3.0 3.6 0.75 v cc 0.7 v cc 0.7 v cc 0.75 v cc 0.7 v cc 0.7 v cc v v il maximum lowlevel input voltage 2.0 3.0 3.6 0.25 v cc 0.3 v cc 0.3 v cc 0.25 v cc 0.3 v cc 0.3 v cc v v oh highlevel output voltage i oh = 50 m a i oh = 50 m a i oh = 4 ma 2.0 3.0 3.0 1.9 2.9 2.58 2.0 3.0 1.9 2.9 2.48 v v ol lowlevel output voltage i ol = 50 m a i ol = 50 m a i ol = 4 ma 2.0 3.0 3.0 0.0 0.0 0.1 0.1 0.36 0.1 0.1 0.44 v i oz maximum 3state leakage current v in = v ih or v il v out = v cc or gnd 3.6 0.1 1.0 m a i in input leakage current v in = 5.5 v or gnd 0 to 3.6 0.1 1.0 m a i cc maximum quiescent supply current (per package) v in = v cc or gnd 3.6 1.0 1.0 2.0 m a ????????????????????????????????? ac electrical characteristics input t r = t f = 3.0 ns ???? ???? ????????? ????????? ????????? ????????? ???????? ???????? t a = 25 c ?????? ?????? 40 c t a 85 c ?? ?? ???? ???? symbol ????????? ????????? parameter ????????? ????????? test conditions ??? ??? min ???? ???? typ ??? ??? max ??? ??? min ???? ???? max ?? ?? unit ???? ? ?? ? ???? t plh , t phl ????????? ? ??????? ? ????????? maximum propagation delay, a or b to y ????????? ? ??????? ? ????????? v cc = 2.7 v c l = 15pf c l = 50pf ??? ? ? ? ??? ???? ? ?? ? ???? 6.5 9.5 ??? ? ? ? ??? 10.0 14.0 ??? ? ? ? ??? 1.0 1.0 ???? ? ?? ? ???? 15.0 18.5 ?? ?? ?? ns ???? ???? phl ????????? ????????? ????????? ????????? v cc = 3.3 v 0.3 v c l = 15pf c l = 50pf ??? ??? ???? ???? 4.5 7.5 ??? ??? 8.0 12.0 ??? ??? 1.0 1.0 ???? ???? 10.0 13.5 ?? ?? ???? ? ?? ? ???? t plh , t phl ????????? ? ??????? ? ????????? maximum propagation delay, s to y ????????? ? ??????? ? ????????? v cc = 2.7 v c l = 15pf c l = 50pf ??? ? ? ? ??? ???? ? ?? ? ???? 8.0 10.5 ??? ? ? ? ??? 12.0 15.5 ??? ? ? ? ??? 1.0 1.0 ???? ? ?? ? ???? 17.0 20.0 ?? ?? ?? ns ???? ? ?? ? ???? phl ????????? ? ??????? ? ????????? ????????? ? ??????? ? ????????? v cc = 3.3 v 0.3 v c l = 15pf c l = 50pf ??? ? ? ? ??? ???? ? ?? ? ???? 6.0 8.5 ??? ? ? ? ??? 10.0 13.5 ??? ? ? ? ??? 1.0 1.0 ???? ? ?? ? ???? 12.0 15.5 ?? ?? ?? ???? ???? t pzl , t pzh ????????? ????????? maximum output enable, time, oe to y ????????? ????????? v cc = 2.7 v c l = 15pf r l = 1 k  c l = 50pf ??? ??? ???? ???? 7.5 10.5 ??? ??? 11.5 15.0 ??? ??? 1.0 1.0 ???? ???? 16.5 18.0 ?? ?? ns ???? ? ?? ? ???? pzh ????????? ? ??????? ? ????????? ????????? ? ??????? ? ????????? v cc = 3.3 v 0.3 v c l = 15pf r l = 1 k  c l = 50pf ??? ? ? ? ??? ???? ? ?? ? ???? 5.5 8.5 ??? ? ? ? ??? 9.5 13.0 ??? ? ? ? ??? 1.0 1.0 ???? ? ?? ? ???? 11.5 15.0 ?? ?? ?? ???? ???? t plz , t phz ????????? ????????? maximum output disable, time, oe to y ????????? ????????? v cc = 2.7 c l = 50pf r l = 1 k  ??? ??? ???? ???? 13.0 ??? ??? 17.0 ??? ??? 1.0 ???? ???? 18.0 ?? ?? ns ???? ? ?? ? ???? phz ????????? ? ??????? ? ????????? ????????? ? ??????? ? ????????? v cc = 3.3 v 0.3 v c l = 50pf r l = 1 k  ??? ? ? ? ??? ???? ? ?? ? ???? 12 ??? ? ? ? ??? 17.0 ??? ? ? ? ??? 1.0 ???? ? ?? ? ???? 18.0 ?? ?? ?? ???? ???? c in ????????? ????????? maximum input capacitance ????????? ????????? ??? ??? ???? ???? 4 ??? ??? 10 ??? ??? ???? ???? 10 ?? ?? pf typical @ 25 c, v cc = 3.3 v c pd power dissipation capacitance (note 6.) 20 pf 6. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc . c pd is used to determine the noload dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc .
mc74lvx257 http://onsemi.com 5 noise characteristics input t r = t f = 3.0 ns, c l = 50 pf, v cc = 3.3 v t a = 25 c symbol characteristic typ max unit v olp quiet output maximum dynamic v ol 0.3 0.5 v v olv quiet output minimum dynamic v ol 0.3 0.5 v v ihd minimum high level dynamic input voltage 2.0 v v ild maximum low level dynamic input voltage 0.8 v a, b or s figure 4. switching waveform figure 5. switching waveform figure 6. test circuit v cc gnd y t phl t plh 50% 50% v cc figure 7. test circuit input *includes all probe and jig capacitance output test point c l * 1 k w connect to v cc when testing t plz and t pzl. connect to gnd when testing t phz and t pzh. device under test figure 8. input equivalent circuit *includes all probe and jig capacitance c l * test point device under test output 50% 50% v cc 50% v cc v cc gnd high impedance v ol + 0.3v v oh - 0.3v y y oe t pzl t plz t pzh t phz high impedance
mc74lvx257 http://onsemi.com 6 d 1 for components 10 pitches cumulative tolerance on tape 0.2 mm ( 0.008o) 2.0 mm 1.2 mm and larger center lines of cavity embossment user direction of feed k 0 see note 7. p 0 p 2 d e f w b 0 + + + k t b 1 top cover tape p see note 7. a 0 for machine reference only including draft and radii concentric around b 0 r min. tape and components shall pass around radius aro without damage bending radius *top cover tape thickness (t 1 ) 0.10 mm (0.004o) max. embossed carrier embossment typical component cavity center line typical component center line maximum component rotation 10 camber (top view) allowable camber to be 1 mm/100 mm nonaccumulative over 250 mm 100 mm (3.937o) 1 mm (0.039o) max 250 mm (9.843o) 1 mm max tape 7. a 0 , b 0 , and k 0 are determined by component size. the clearance between the components and the cavity must be within 0.05 mm min to 0.50 mm max. the component cannot rotate more than 10 within the determined cavity figure 9. carrier tape specifications
mc74lvx257 http://onsemi.com 7 embossed carrier dimensions (see notes 8. and 9.) tape size b 1 max d d 1 e f k p p 0 p 2 r t w 8 mm 4.35 mm (0.179o) 1.5 mm + 0.1 0.0 (0.059o 0 004 1.0 mm min (0.179o) 1.75 mm 0.1 (0.069 0.004o) 3.5 mm 0.5 (1.38 0.002o) 2.4 mm max (0.094o) 4.0 mm 0.10 (0.157 0.004o) 4.0 mm 0.1 (0.157 0.004o) 2.0 mm 0.1 (0.079 0.004o) 25 mm (0.98o) 0.6 mm (0.024) 8.3 mm (0.327) 12 mm 8.2 mm (0.323o) ( +0.004 0.0) 1.5 mm min (0.060) ) 5.5 mm 0.5 (0.217 0.002o) 6.4 mm max (0.252o) 4.0 mm 0.10 (0.157 0.004o) 8.0 mm 0.10 (0.315 0.004o) ) ) 30 mm (1.18o) 12.0 mm 0.3 (0.470 0.012o) 16 mm 12.1 mm (0.476o) 7.5 mm 0.10 (0.295 0.004o) 7.9 mm max (0.311o) 4.0 mm 0.10 (0.157 0.004o) 8.0 mm 0.10 (0.315 0.004o) 12.0 mm 0.10 (0.472 0.004o) 16.3 mm (0.642) 24 mm 20.1 mm (0.791o) 11.5 mm 0.10 (0.453 0.004o) 11.9 mm max (0.468o) 16.0 mm 0.10 (0.63 0.004o) 24.3 mm (0.957) 8. metric dimensions governenglish are in parentheses for reference only. 9. a 0 , b 0 , and k 0 are determined by component size. the clearance between the components and the cavity must be within 0.05 mm min to 0.50 mm max. the component cannot rotate more than 10 within the determined cavity
mc74lvx257 http://onsemi.com 8 13.0 mm 0.2 mm (0.512o 0.008o) 1.5 mm min (0.06o) 50 mm min (1.969o) 20.2 mm min (0.795o) full radius t max g a figure 10. reel dimensions reel dimensions tape size t&r suffix a max g t max 8 mm t1, t2 178 mm (7o) 8.4 mm, +1.5 mm, 0.0 (0.33o + 0.059o, 0.00) 14.4 mm (0.56o) 8 mm t3, t4 330 mm (13o) 8.4 mm, +1.5 mm, 0.0 (0.33o + 0.059o, 0.00) 14.4 mm (0.56o) 12 mm r2 330 mm (13o) 12.4 mm, +2.0 mm, 0.0 (0.49o + 0.079o, 0.00) 18.4 mm (0.72o) 16 mm r2 360 mm (14.173o) 16.4 mm, +2.0 mm, 0.0 (0.646o + 0.078o, 0.00) 22.4 mm (0.882o) 24 mm r2 360 mm (14.173o) 24.4 mm, +2.0 mm, 0.0 (0.961o + 0.078o, 0.00) 30.4 mm (1.197o) direction of feed barcode label hole pocket figure 11. reel winding direction
mc74lvx257 http://onsemi.com 9 tape trailer (connected to reel hub) no components 160 mm min tape leader no components 400 mm min components direction of feed cavity tape top tape figure 12. tape ends for finished goods figure 13. tssop and soic r2 reel configuration/orientation user direction of feed tape utilization by package tape size soic tssop qfn sc88a / sot353 sc88/sot363 8 mm 5, 6lead 12 mm 8lead 8, 14, 16lead 8, 14, 16lead 16 mm 14, 16lead 20, 24lead 20, 24lead 24 mm 18, 20, 24, 28lead 48, 56lead 48, 56lead
mc74lvx257 http://onsemi.com 10 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p b a m 0.25 (0.010) b s t d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019  soic16 d suffix case 751b05 issue j ??? ??? dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c --- 1.20 --- 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.18 0.28 0.007 0.011 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane -w-.  section nn seating plane ident. pin 1 1 8 16 9 detail e j j1 b c d a k k1 h g detail e f m l 2x l/2 u s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) t v w 0.25 (0.010) 16x ref k n n tssop16 dt suffix case 948f01 issue o
mc74lvx257 http://onsemi.com 11 h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.78 --- 0.031 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z soic eiaj16 m suffix case 96601 issue o
mc74lvx257 http://onsemi.com 12 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 13036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc74lvx257/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of MC74LVX257-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X